Part Number Hot Search : 
80500 11000 MHW72 354511 C3328 08172 402CS A1014
Product Description
Full Text Search
 

To Download RB0914330KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
RADIAL INDUCTOR CONFIGURATION & DIMENSIONSG
ABC'S DWG NO. ABC'S ITEM NO.
RB0914L-
O
Marking : " " : Start 101----100 uH ( Inductance code )
A B
:
8.70.5
m/m m/m m/m m/m m/m m/m m/m
: 12.01.0
C : 25.05 D : 18.05 C
Ai
101
Wi
E
E : 2.5 max. F : 5.00.8 W : 0.65
F
Ai
B
D
O
SCHEMATIC DIAGRAMG
O
MATERIALSG
aO CoreG Ferrite DR core bO WireG Enaelled copper wire ( Class F ) cO LeadG Sn/Ag/Cu dO TubeG Shrinkable tube 125J , 600V eO RemarkG Products comply with RoHS' requirements d
a b c
1/4O
GENERAL SPECIFICATIONG
aO Temp. riseG 20J max. at rated current. bO Storage temp.G -40J ---- +105J cO Operating temp.G -25J ---- +85J
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
RADIAL INDUCTOR ELECTRICAL CHARACTERISTICS G
DWG No. Indutance ( H ) 3.3 20% 4.7 20% 6.8 20% 10.0 10% 12.0 10% 15.0 10% 18.0 10% 22.0 10% 27.0 10% 33.0 10% 39.0 10% 47.0 10% 56.0 10% 68.0 10% 82.0 10% 100.0 10% 120.0 10% 150.0 10% 180.0 10% 220.0 10% 270.0 10% 330.0 10% 390.0 10% 470.0 10% 560.0 10% 680.0 10% 820.0 10% 1000.0 10% Q min. 20 20 20 50 50 50 40 40 40 40 30 30 30 30 30 30 30 30 30 30 20 20 20 20 20 20 20 40
ABC'S DWG NO. ABC'S ITEM NO.
RB0914L-
1/2O
Test Freq. ( MHz ) L 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.252 Q
RB09143R3ML- RB09144R7ML- RB09146R8ML- RB0914100KL- RB0914120KL- RB0914150KL- RB0914180KL- RB0914220KL- RB0914270KL- RB0914330KL- RB0914390KL- RB0914470KL- RB0914560KL- RB0914680KL- RB0914820KL- RB0914101KL- RB0914121KL- RB0914151KL- RB0914181KL- RB0914221KL- RB0914271KL- RB0914331KL- RB0914391KL- RB0914471KL- RB0914561KL- RB0914681KL- RB0914821KL- RB0914102KL- 1). 2). "-
SRF ( MHz ) min. 70.0 50.0 30.0 20.0 15.0 10.0 9.5 9.0 8.5 8.0 7.0 6.0 5.0 4.5 4.0 3.5 3.0 2.8 2.6 2.4 2.2 2.0 1.9 1.8 1.7 1.6 1.5 1.3
RDC () max. 0.027 0.033 0.039 0.048 0.055 0.060 0.065 0.090 0.110 0.120 0.130 0.140 0.200 0.210 0.230 0.280 0.320 0.370 0.540 0.600 0.680 0.760 0.850 1.300 1.400 1.600 1.800 2.100
IDC (A) max. 3.60 3.20 3.00 2.70 2.50 2.40 2.30 1.90 1.80 1.70 1.60 1.50 1.30 1.20 1.10 1.00 0.90 0.80 0.75 0.70 0.65 0.60 0.55 0.50 0.45 0.40 0.35 0.30
":Reference code
Packafing information... AG Bulk
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
RADIAL INDUCTOR TAPED PACKAGE DIMENSIONSG
ABC'S DWG NO. ABC'S ITEM NO.
RB0914L-
3/4O
H
101
101
P2 H1 H2 W2 W1 W3
W0
P1 F
P
D T
500 PCS / REEL
ITEM TAPE FEED HOLE DIAMETER COMPONENT LEAD PITCH FRONT-TO-REAR DEFLECTION FEED HOLE TO BOTTOM OF COMPONENT FEED HOLE TO OVERALL COMPONENT HEIGHT FEED HOLE PITCH LEAD LOCATION CENTER OF COMPONENT LOCATION OVERALL TAPED PACKAGE THICKNESS FEED HOLE LOCATION ADHESIVE TAPE WIDTH ADHESIVE TAPE POSITION TAPE WIDTH
SYMBOL D F H H1 H2 P P1 P2 T W0 W1 W2 W3
SPECIFICATION INCH MILIMETER SIZE TOLERANCE SIZE TOLERANCE 4.00 5.00 2.00 18.50 32.50 12.70 3.85 6.35 1.42 9.00 15.00 4.00 18.00 0.20 0.50 MAX. 0.80 MAX. 0.30 0.70 1.30 MAX. 0.50 0.50 MAX. 0.50 0.157 0.200 0.079 0.728 1.280 0.500 0.152 0.250 0.056 0.354 0.598 0.157 0.709 0.008 0.020 MAX. 0.040 MAX. 0.012 0.028 0.051 MAX. 0.020 0.020 MAX. 0.020
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
RADIAL INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
RB0914L-
O R
DWGING NUMBER EXPRESSIONG B 0 9 1 4 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements
Appendix code 2G Package Information
Code A B C D Box Bag
Inner package
Inner package Q'TY 200 100 T.B.D. 500 pcs pcs pcs
Remark
T.B.D. T / R ( Reel Package )
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
RADIAL INDUCTOR UL CARDG
OBMW2 Magnet Wire-Component
ABC'S DWG NO. ABC'S ITEM NO.
RB0914L-
AO
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg Mark Dsg ____
____ ____ ____ ____
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
BC
Coat Typ
OC ____
____
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
ANSI Type
Temp Class
220 130 200 180 200
220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
Mtl Dsg
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mark Dsg
____ ____ ____ ____ ____ ____
BC
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
Coat Typ
OC
Polyamide ____ ____ ____ Nylon Polyamide
ANSI Type
MW80C MW2-C ___ MW75C MW28-C MW28-C
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or aPq1/2u , material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AE-001A


▲Up To Search▲   

 
Price & Availability of RB0914330KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X